Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4128 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN4128
Description  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 13Page - STMicroelectronics AN4128 Datasheet HTML 14Page - STMicroelectronics AN4128 Datasheet HTML 15Page - STMicroelectronics AN4128 Datasheet HTML 16Page - STMicroelectronics AN4128 Datasheet HTML 17Page - STMicroelectronics AN4128 Datasheet HTML 18Page - STMicroelectronics AN4128 Datasheet HTML 19Page - STMicroelectronics AN4128 Datasheet HTML 20Page - STMicroelectronics AN4128 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AN4128
Getting started
Doc ID 023306 Rev 1
17/28
If the request is successfully submitted, the response is:
–
AT-AB BondPending [BD addr]
If the operation is successful, the response is:
–
AT-AB BondOk
If it fails:
–
AT-AB BondFail
In this case dongle1 is requesting a bonding with dongle2.
Figure 23.
Bonding dongle1, dongle2
●
Connection:
Once the dongle knows the device present and the service offered, the command to set up
connection is:
–
AT+AB SPPconnect [BD Addr] [Service]
If the connection is successful, the response is:
–
AT-AB ConnectionUp
–
AT-AB -BypassMode-
At this point the connection is established. The dongles can send and receive data. In this
case, dongle1 knows the address of dongle2, and wants to connect to dongle2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28