Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4128 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN4128
Description  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 15Page - STMicroelectronics AN4128 Datasheet HTML 16Page - STMicroelectronics AN4128 Datasheet HTML 17Page - STMicroelectronics AN4128 Datasheet HTML 18Page - STMicroelectronics AN4128 Datasheet HTML 19Page - STMicroelectronics AN4128 Datasheet HTML 20Page - STMicroelectronics AN4128 Datasheet HTML 21Page - STMicroelectronics AN4128 Datasheet HTML 22Page - STMicroelectronics AN4128 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AN4128
Getting started
Doc ID 023306 Rev 1
19/28
Figure 26.
Return to -BypassMode- dongle1, dongle2
Now the two dongles can exchange data again.
●
Disconnection:
The SPPDisconnect command is used to terminate a connection with the remote device.
–
AT+AB SPPDisconnect
If the disconnection is successful, the response is:
–
AT-AB SPPConnectionClosed
SPPDisconnect is a command; it is recognized and accepted by the dongle only if the
dongle is in -CommandMode-.
If the dongle is in -BypassMode- send the “escape command” before giving the
disconnection command.
Figure 27.
Disconnection dongle1, dongle2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28