Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4099 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 31Page - STMicroelectronics AN4099 Datasheet HTML 32Page - STMicroelectronics AN4099 Datasheet HTML 33Page - STMicroelectronics AN4099 Datasheet HTML 34Page - STMicroelectronics AN4099 Datasheet HTML 35Page - STMicroelectronics AN4099 Datasheet HTML 36Page - STMicroelectronics AN4099 Datasheet HTML 37Page - STMicroelectronics AN4099 Datasheet HTML 38Page - STMicroelectronics AN4099 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
AN4099
Conclusion
Doc ID 023110 Rev 2
37/39
5
Conclusion
This application note provides a solution for implementing an IR transmitter/receiver in
software using a general-purpose timer.
The IR encoding application uses the STM32F0xx and STM32F3xx microcontrollers and
contains a powerful hardware modulator called IRTIM that combines signals from two
internal timers to drive the IR interface. This feature makes the microcontroller especially
well suited for applications that require IR signal generation capability.
The IR decoding application allows the IR solution to be integrated in the HDMI-CEC
module in order to support high-level control functions for all of the various audiovisual
products in a given environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39