Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4099 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 13Page - STMicroelectronics AN4099 Datasheet HTML 14Page - STMicroelectronics AN4099 Datasheet HTML 15Page - STMicroelectronics AN4099 Datasheet HTML 16Page - STMicroelectronics AN4099 Datasheet HTML 17Page - STMicroelectronics AN4099 Datasheet HTML 18Page - STMicroelectronics AN4099 Datasheet HTML 19Page - STMicroelectronics AN4099 Datasheet HTML 20Page - STMicroelectronics AN4099 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AN4099
Infrared transmitter
Doc ID 023110 Rev 2
17/39
SIRC encoding library
The SIRC encoder driver is based on the following functions.
SIRC12_Encode_Init()
This function initializes the different peripherals (GPIO, TIMER, NVIC,...).
SIRC12_Encode_SendFrame()
This function sends the pulse width modulation of the SIRC12 Frame format.
SIRC12_Encode_SignalGenerate()
This function generates the frame signal by monitoring the output level of TIM16. It is
called in the TIM16 update interrupt to handle the output signal.
2.2.4
How to use the SIRC encoder driver
To use the SIRC encoder driver, proceed as follows.
–
Call the function SIRC12_Encode_Init() to configure the timer and GPIO hardware
resources needed for SIRC encoding.
–
Call the function SIRC12_Encode_SendFrame() to send the SIRC frame.
–
TIM16 Update interrupts are used to encode the SIRC frame in pulse width
modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39