Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4099 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 21Page - STMicroelectronics AN4099 Datasheet HTML 22Page - STMicroelectronics AN4099 Datasheet HTML 23Page - STMicroelectronics AN4099 Datasheet HTML 24Page - STMicroelectronics AN4099 Datasheet HTML 25Page - STMicroelectronics AN4099 Datasheet HTML 26Page - STMicroelectronics AN4099 Datasheet HTML 27Page - STMicroelectronics AN4099 Datasheet HTML 28Page - STMicroelectronics AN4099 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
AN4099
Infrared receiver
Doc ID 023110 Rev 2
25/39
}
Note:
1
TIMx_IRQHandler ISRs are coded within the stm32f0xx_it.c or stm32f3xx_it.c
●
If you are using one or both interrupts in your application you have to proceed carefully:
–
either add your application code in these ISRs, or
–
copy the contents of these ISRs in your application code.
2
You can easily tailor this application to your own hardware using different define declarations
inside the "ir_decode.h" file. Refer to the following Table
Table 4.
Example of implementation
Define name
Description
STM32F0xx
STM32F30x
STM32F37x
#define IR_TIM
Timer used for IR
decoding(1)
TIM2
TIM1
TIM3
#define
TIM_PRESCALER
TIM prescaler
This parameter is
computed so as to
have 1 us as time
base. TIM frequency
(MHz) / (prescaler +
1)
47
71
71
#define IR_TIM_CLK
APB clock of the
used timer
RCC_APB1Periph_
TIM2
RCC_APB2Periph_
TIM1
RCC_APB1Periph_
TIM3
#define IR_TIM_IRQn
IR TIM IRQ
TIM2_IRQn
TIM1_CC_IRQn
TIM3_IRQn
#define
IR_TIM_Channel
IR TIM channel
TIM_Channel_2
TIM_Channel_2
TIM_Channel_2
#define
IR_GPIO_PORT
Port which IR output
is connected(1)
GPIOB
GPIOA
GPIOB
#define
IR_GPIO_PORT_CLK
IR pin GPIO clock
port
RCC_APB2Periph_
GPIOB
RCC_AHBPeriph_
GPIOA
RCC_AHBPeriph_
GPIOB
#define IR_GPIO_PIN
Pin which IR is
connected(1)
GPIO_Pin_3
GPIO_Pin_9
GPIO_Pin_5
1.
For more details on the available STM32 resources, refer to your product datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39