Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4099 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 9Page - STMicroelectronics AN4099 Datasheet HTML 10Page - STMicroelectronics AN4099 Datasheet HTML 11Page - STMicroelectronics AN4099 Datasheet HTML 12Page - STMicroelectronics AN4099 Datasheet HTML 13Page - STMicroelectronics AN4099 Datasheet HTML 14Page - STMicroelectronics AN4099 Datasheet HTML 15Page - STMicroelectronics AN4099 Datasheet HTML 16Page - STMicroelectronics AN4099 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
AN4099
Infrared transmitter
Doc ID 023110 Rev 2
13/39
Figure 10.
Send IR frame flowchart
Generate a adequate binary format
for the selected IR frame
Disable TIM interrupts
Set the Send_Operation_Ready
Flag to indicate that the IR frame is
ready to be sent
Convert the IR frame to
Manchester format
Begin send IR
frame
Enable TIM interrupts
End
MS30803V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39