Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4099 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 26Page - STMicroelectronics AN4099 Datasheet HTML 27Page - STMicroelectronics AN4099 Datasheet HTML 28Page - STMicroelectronics AN4099 Datasheet HTML 29Page - STMicroelectronics AN4099 Datasheet HTML 30Page - STMicroelectronics AN4099 Datasheet HTML 31Page - STMicroelectronics AN4099 Datasheet HTML 32Page - STMicroelectronics AN4099 Datasheet HTML 33Page - STMicroelectronics AN4099 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Infrared receiver
AN4099
30/39
Doc ID 023110 Rev 2
#define
IR_GPIO_PORT
Port which IR output
is connected(1)
GPIOB
GPIOA
GPIOB
#define
IR_GPIO_PORT_CLK
IR pin GPIO clock
port
RCC_APB2Periph_
GPIOB
RCC_AHBPeriph_
GPIOA
RCC_AHBPeriph_
GPIOB
#define IR_GPIO_PIN
Pin which IR is
connected(1)
GPIO_Pin_3
GPIO_Pin_9
GPIO_Pin_5
1.
For more details on the available STM32 resources, refer to your product datasheet.
Table 5.
Example of implementation
Define name
Description
STM32F0xx
STM32F30x
STM32F37x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39