Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4099 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 19Page - STMicroelectronics AN4099 Datasheet HTML 20Page - STMicroelectronics AN4099 Datasheet HTML 21Page - STMicroelectronics AN4099 Datasheet HTML 22Page - STMicroelectronics AN4099 Datasheet HTML 23Page - STMicroelectronics AN4099 Datasheet HTML 24Page - STMicroelectronics AN4099 Datasheet HTML 25Page - STMicroelectronics AN4099 Datasheet HTML 26Page - STMicroelectronics AN4099 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN4099
Infrared receiver
Doc ID 023110 Rev 2
23/39
Figure 20.
RC5 solution flowchart
3.3.2
RC5 decoding library
The RC5 driver is very simple to use.
RC5_Init()
This function initializes the different peripherals (GPIO, TIMER,...).
RC5_ResetPacket()
This function sets the packet structure to the default state. This function is mainly called
in the TIM2_IRQHandler routine. It occurs each TIMER overflow to reset the RC5
packet.
RC5_Decode(RC5_Frame_TypeDef *rc5_frame)
This function is intended to be called in the user application. It decodes the RC5
received messages. The following structure contains the different values of the RC5
frame.
typedef struct
{
__IO uint8_t FieldBit;
/* Field bit field
*/
__IO uint8_t ToggleBit; /* Toggle bit field */
__IO uint8_t Address;
/* Address field
*/
__IO uint8_t Command;
/* Command field
*/
In itia li
Tim e r i
F a lli n g e d g e
Te st:
Hig h
pu ls e
La s t B it= 1
La s t B it= 0
2T
Te st:
Hig h
pu ls e
=T
=T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39