| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0853 Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0853 Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 56 page ![]() DEMOKIT-M24LR-A demonstration UM0853 48/56 Doc ID 16609 Rev 3 5 DEMOKIT-M24LR-A demonstration The demonstration application menu, shown in Figure 115, is intended for use with the DEMOKIT-M24LR-A kit. All the pictures are in bitmap format to be compliant with the STM32-PRIMER2 firmware and LCD screen driver. Note: M24LR64-R reference antennas are required to play this demonstration. Figure 115. Demo STM32-PRIMER2 application menu 5.1 Checking RF communications To check the RF communication between the reader and the reference antenna, press the check RF communication button (see Figure 116). The button changes to running. If the RF communication between the reader and the reference antenna is good, the circle is green like in Figure 117. If there is no RF communication between the reader and the reference antenna, the circle appears red like in Figure 118. Figure 116. Check RF communication button Figure 117. RF communication ongoing between reader and reference antenna |