| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0853 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0853 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 56 page ![]() UM0853 How to control the RF and I²C channels from your screen Doc ID 16609 Rev 3 37/56 Figure 76. Writing to the memory array In this example, a write operation is issued to write the data < 12 34 56 78 > to EEPROM memory addressees 0000 to 003F by I2C communication. Note that in the I2C answer, you are notified of whether the write cycle succeeded or failed (see Figure 77 and Figure 78). Figure 77. Write cycle successful Figure 78. Write cycle failed (no write cycle detected) Figure 79 shows the result of the write operation. Figure 79. Result of the Write operation (003C) You can write 1, 2, 3 or 4 bytes by playing with the Page Size field. Figure 80. Page Size field |