Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0853 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce UM0853
Description  M24LRxx application software user guide
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0853 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button UM0853 Datasheet HTML 35Page - STMicroelectronics UM0853 Datasheet HTML 36Page - STMicroelectronics UM0853 Datasheet HTML 37Page - STMicroelectronics UM0853 Datasheet HTML 38Page - STMicroelectronics UM0853 Datasheet HTML 39Page - STMicroelectronics UM0853 Datasheet HTML 40Page - STMicroelectronics UM0853 Datasheet HTML 41Page - STMicroelectronics UM0853 Datasheet HTML 42Page - STMicroelectronics UM0853 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
UM0853
How to control the RF and I²C channels from your screen
Doc ID 16609 Rev 3
39/56
Figure 83.
Result of the write to sector security status area operation
Writing to the I2C_Write_Lock bit area
To write to the I2C_Write_Lock bit area, select I2C write lock bits (system) and fill the
address range to be written, then press the Write button. Addresses are managed is the
same way as for RF commands (see Section 3.2.7: Read command).
Please note that the I2C password has to be presented successfully prior to writing to the
I2C_Write_Lock bit area
Figure 84 shows how to launch a write operation to the I2C_Write_Lock bit area.
Figure 84.
Writing to the I2C_Write_Lock bit area
Figure 85 shows the result of the operation.
Figure 85.
Result of the write to I2C_Write_Lock bit area operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56