| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0853 Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0853 Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 56 page ![]() Data transfer management (picture demo) UM0853 44/56 Doc ID 16609 Rev 3 4.2 Writing a picture to your M24LR64-R In the show Demo application window, go to the WRITE PICTURE TO M24LR64 area (see Figure 97), and choose the picture you would like to upload into the memory. Click on the picture to select it. Figure 97. WRITE PICTURE TO M24LR64 In Figure 98, the ST logo was chosen as an example. Figure 98. Picture to be uploaded After selecting the picture, you need to choose which of the I2C or RF interface you will use to upload it to the memory of the M24LR64-R device. To upload it by I2C, click on I2C as shown below. Figure 99. Selecting I2C to upload the picture You then have to click on the Upload by I2C button as shown in Figure 100. |