| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0853 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0853 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 56 page ![]() How to control the RF and I²C channels from your screen UM0853 14/56 Doc ID 16609 Rev 3 If you select DEMO KIT (USB based), you can also play with the SERIAL EEPROM USB reader by checking the box to add the Serial EEPROM USB reader. Once the kit has been selected, the software checks that the selected readers are well connected. A progress bar appears during the check as shown in Figure 17. Figure 17. Connection check by the software If a problem occurs, a window appears to indicate what the problem is: ● If the development kit is used, the problem could be: – medium-range RF reader not plugged in the USB port – medium-range RF reader driver not installed – I²C bus reader not plugged in the USB port – I²C bus reader driver not installed ● If the demo kit is used, the problem could be: – medium-range RF reader not plugged in the USB port – medium-range RF reader driver not installed ● If the starter kit is used, the problem could be: – Short-range RF reader not plugged in the USB port – Short-range RF reader driver not installed |