| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0853 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0853 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 56 page ![]() How to control the RF and I²C channels from your screen UM0853 28/56 Doc ID 16609 Rev 3 Figure 50. Warning before locking the AFI field 3.2.12 Lock DSFID command The Lock DSFID button launches a Lock DSFID command. When executed, this command locks the DSFID field permanently. Figure 51. Lock DSFID command Caution: Once the DSFID field has been locked, it cannot be unlocked. This is the reason why a warning (shown in Figure 52) is displayed before locking the DSFID field. To abort the Lock DSFID command, click on Cancel. To confirm the command, click on OK. Figure 52. Warning before locking the DSFID field 3.2.13 RF password management The user interface displays a warning concerning password changes: you should be very careful when you change a password because there is no way of retrieving forgotten RF passwords. You have to remember the new passwords you enter. The sectors locked by a password can only be unlocked if you can provide the correct password. Figure 53 shows the displayed warning. By default, the RF and I²C passwords are ‘00 00 00 00’. |