Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 338 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 338 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 334Page - STMicroelectronics RM0319 Datasheet HTML 335Page - STMicroelectronics RM0319 Datasheet HTML 336Page - STMicroelectronics RM0319 Datasheet HTML 337Page - STMicroelectronics RM0319 Datasheet HTML 338Page - STMicroelectronics RM0319 Datasheet HTML 339Page - STMicroelectronics RM0319 Datasheet HTML 340Page - STMicroelectronics RM0319 Datasheet HTML 341Page - STMicroelectronics RM0319 Datasheet HTML 342Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 368 page
background image
Power, reset and clock control
RM0319
338/368
Doc ID 022640 Rev 3
Since the output clock is high for one input clock cycle, the duty cycle is:
100
(%)
⋅
⎟
⎠
⎞
⎜
⎝
⎛
=
Y
X
DC
If the post divider by two is enabled, the DC is 50%; in this case the output frequency is
given by the Fout formula above.
It can be shown that the period drift in this case is twice the input clock period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More