| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0319 Fiches technique(PDF) 314 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Fiches technique(HTML) 314 Page - STMicroelectronics |
|
314 / 368 page ![]() Security co-processor (C3) RM0319 314/368 Doc ID 022640 Rev 3 RESTORE The HMAC CONTEXT RESTORE instruction is 2 words long. This instruction is used to set the Source Address Register for the context and to restore the full context. The second word represents the Source Address for the context. Table 114. HMAC CONTEXT RESTORE instruction bit encoding W# Bit Encoding 1 xxxx 0111 11xx xxxx cccc cccc cccc cccc 2 32 bit Source Address for the context |