Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 264 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 264 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 260Page - STMicroelectronics RM0319 Datasheet HTML 261Page - STMicroelectronics RM0319 Datasheet HTML 262Page - STMicroelectronics RM0319 Datasheet HTML 263Page - STMicroelectronics RM0319 Datasheet HTML 264Page - STMicroelectronics RM0319 Datasheet HTML 265Page - STMicroelectronics RM0319 Datasheet HTML 266Page - STMicroelectronics RM0319 Datasheet HTML 267Page - STMicroelectronics RM0319 Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 368 page
background image
Basic general purpose I/Os (basGPIO)
RM0319
264/368
Doc ID 022640 Rev 3
Figure 94.
GPIO interrupt triggering logic
Note:
1
For level detection case, it is assumed that an external source holds the level constant for
the interrupt to be recognized by the processor.
2
Interrupt control registers must be programmed when corresponding interrupts are not
enabled, in order to avoid spurious interrupts to be generated.
Start
GPIOIE
Masked?
Interrupt
masked
GPIOIS
Edge/level?
GPIOIBE
both edges?
GPIOIEV
Rising/falling?
GPIOIEV
HIGH/LOW?
Yes
No
No
Yes
Yes
No
No
Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More