| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0319 Fiches technique(PDF) 254 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Fiches technique(HTML) 254 Page - STMicroelectronics |
|
254 / 368 page ![]() Fast infrared port (IRDA) RM0319 254/368 Doc ID 022640 Rev 3 SREQ_INT Single request. This interrupt indicates that a transfer of a single word from/to the memory is requested. This request can either be used as interrupt or DMA requests (see Section 19.3.6). LSREQ_INT Last single request. This interrupt occurs when a last single transfer from/to the memory is requested. This request can either be used as interrupt or DMA requests (see Section 19.3.6). Table 73. FIrDA controller interrupt summary Name Description |