Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 186 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 186 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 182Page - STMicroelectronics RM0319 Datasheet HTML 183Page - STMicroelectronics RM0319 Datasheet HTML 184Page - STMicroelectronics RM0319 Datasheet HTML 185Page - STMicroelectronics RM0319 Datasheet HTML 186Page - STMicroelectronics RM0319 Datasheet HTML 187Page - STMicroelectronics RM0319 Datasheet HTML 188Page - STMicroelectronics RM0319 Datasheet HTML 189Page - STMicroelectronics RM0319 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 368 page
background image
MMC-SD card/SDIO controller
RM0319
186/368
Doc ID 022640 Rev 3
1.
Wait for the Command Complete Interrupt. If the Command Complete Interrupt has
occurred, go to step (2).
2.
Write logic ‘1’ to Command Complete in the Normal Interrupt Status register to clear
this bit.
3.
Read the Response register and get necessary information of the issued command.
4.
Judge whether the command uses the Transfer Complete Interrupt or not. If it uses
Transfer Complete, go to step (5). If not, go to step (7).
5.
Wait for the Transfer Complete Interrupt. If the Transfer Complete Interrupt has
occurred, go to step (6).
6.
Write logic ‘1’ to Transfer Complete in the Normal Interrupt Status register to clear this
bit.
7.
Check for errors in Response Data. If there is no error, go to step (8). If there is an
error, go to step (9).
8.
Return Status of “No Error”.
9.
Return Status of “Response Contents Error”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More