Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 180 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 180 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 176Page - STMicroelectronics RM0319 Datasheet HTML 177Page - STMicroelectronics RM0319 Datasheet HTML 178Page - STMicroelectronics RM0319 Datasheet HTML 179Page - STMicroelectronics RM0319 Datasheet HTML 180Page - STMicroelectronics RM0319 Datasheet HTML 181Page - STMicroelectronics RM0319 Datasheet HTML 182Page - STMicroelectronics RM0319 Datasheet HTML 183Page - STMicroelectronics RM0319 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 368 page
background image
MMC-SD card/SDIO controller
RM0319
180/368
Doc ID 022640 Rev 3
14.3
Pins
Figure 56.
SD/SDIO/MMC controller pins
14.4
Functional overview
This section gives a functional overview of the host controller.
Table 58.
Signal description
Group
Signal name
Direction
Size
Description
Card interface
SD_CLK
Out
1
Clock to external card
DATA[7:0]
In/Out
8
SD1/SD4/SD8: Data line
SD_CMD
In/Out
1
SD1/SD4/SD8: Command line
SD_WP
In
1
Active high. SD card write protect
SD_CD
In
1
Active low. Card detection for single
slot
SD_LED
Out
1
Cautions the user not to remove the
card while the SD card is being
accessed.
AHB SLAVE
AHB MASTER
Interrupt to VIC (IRQ29)
SD_CLK
DATA[7:0]
SD_CMD
SD_WP
SD_CD
SD_LED
MMC_SD/SDIO
Controller
RAS_CLK_SYNT4
CLK48MHz
RAS_CFG
control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More