Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 152 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 152 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 148Page - STMicroelectronics RM0319 Datasheet HTML 149Page - STMicroelectronics RM0319 Datasheet HTML 150Page - STMicroelectronics RM0319 Datasheet HTML 151Page - STMicroelectronics RM0319 Datasheet HTML 152Page - STMicroelectronics RM0319 Datasheet HTML 153Page - STMicroelectronics RM0319 Datasheet HTML 154Page - STMicroelectronics RM0319 Datasheet HTML 155Page - STMicroelectronics RM0319 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 368 page
background image
Fast Ethernet port (MII0)
RM0319
152/368
Doc ID 022640 Rev 3
Figure 48.
Clocking scheme for MAC-AHB
12.5
Interrupts
Figure 49.
Interrupt management: sbd_intr_o and pmt_intr_o generation
The Ethernet MAC provides two interrupt lines to VIC (Vectored Interrupt Controller):
●
sbd_intr_o: general interrupt signal connected to the VIC IRQ 56 line;
●
pmt_intr_o: interrupt signal generated from PMT (Power Management) module
connected to VIC IRQ 55 line;
AND
AND
AND
AND
AND
AND
OR
OR
AND
OR
PMT_INTR
~PMT_INTR_MASK
MMC_INTR
TI
TIE
ERI
ERE
TPS
TSE
FBI
FBE
NIE
NIS
AIS
AIE
GMI
GPI
pmt_intr_o
To VIC IRQ 55
sbd_intr_o
To VIC IRQ 56
Note:Signals NIS and AIS are registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More