Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 116 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 116 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 112Page - STMicroelectronics RM0319 Datasheet HTML 113Page - STMicroelectronics RM0319 Datasheet HTML 114Page - STMicroelectronics RM0319 Datasheet HTML 115Page - STMicroelectronics RM0319 Datasheet HTML 116Page - STMicroelectronics RM0319 Datasheet HTML 117Page - STMicroelectronics RM0319 Datasheet HTML 118Page - STMicroelectronics RM0319 Datasheet HTML 119Page - STMicroelectronics RM0319 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 368 page
background image
USB 2.0 Host ports (UHC)
RM0319
116/368
Doc ID 022640 Rev 3
The OHCI block generates one interrupt when any of the following conditions occurs:
●
OwnershipChange
●
RootHubStatusChange
●
FrameNumberOverflow
●
UnrecoverableError
●
ResumeDetected
●
StartofFrame
●
WritebackDoneHead
●
SchedulingOverrun
This interrupt is generated only when the corresponding bits of the HcInterruptEnable
register are enabled. This interrupt is connected with IRQ25 for OHCI1 and IRQ27 for
OHCI2 respectively (Table 125: Interrupt requests)