Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4038 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 27Page - STMicroelectronics AN4038 Datasheet HTML 28Page - STMicroelectronics AN4038 Datasheet HTML 29Page - STMicroelectronics AN4038 Datasheet HTML 30Page - STMicroelectronics AN4038 Datasheet HTML 31Page - STMicroelectronics AN4038 Datasheet HTML 32Page - STMicroelectronics AN4038 Datasheet HTML 33Page - STMicroelectronics AN4038 Datasheet HTML 34Page - STMicroelectronics AN4038 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AN4038
Front Panel
Doc ID 022686 Rev 1
31/39
Figure 30 shows a comparison of the distance between a hand and the sensor and a hand
and the front panel. This test was performed with an acrylic front panel material.
Figure 30.
Detection distance versus front panel thickness
Note:
Measurements performed with sensor board #3 (see Figure 1).
The thicker the front panel is, the greater the total detection distance is between the hand
and the electrode, but the distance between the hand and the front panel decreases.
An electrode with a thin front panel glued onto it compared to an electrode without a front
panel does not significantly influence detection range. The front panel only increases the
projected capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39