Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4038 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 19Page - STMicroelectronics AN4038 Datasheet HTML 20Page - STMicroelectronics AN4038 Datasheet HTML 21Page - STMicroelectronics AN4038 Datasheet HTML 22Page - STMicroelectronics AN4038 Datasheet HTML 23Page - STMicroelectronics AN4038 Datasheet HTML 24Page - STMicroelectronics AN4038 Datasheet HTML 25Page - STMicroelectronics AN4038 Datasheet HTML 26Page - STMicroelectronics AN4038 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN4038
Proximity sensor design
Doc ID 022686 Rev 1
23/39
Noise decreases when the electrode width increases as shown in Figure 21. The noise
standard deviation increases significantly when the TX/Rx electrode width is lower than
1.5 mm, but it is almost stable when Tx/Rx value is greater than 1.5 mm.
Figure 21.
Noise standard deviation versus Tx/Rx electrode width
The significant noise variation when the Tx/Rx electrode width is lower than 1.5 mm is
explained by the variation of the projected capacitance (see Figure 22). The smaller the
EPCC compensation is, the lower the projected capacitance is and the higher the noise is.
Figure 22.
EPCC versus Tx/Rx electrode width
In conclusion, it is recommended to design sensors with an electrode width greater than
1.5 mm. This guarantees an acceptable proximity detection distance and ensures the best
noise immunity. As electrode width has only a small effect on the detection distance, it is
recommended to increase first electrode length or electrode spacing to improve the
detection distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39