Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4038 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 16Page - STMicroelectronics AN4038 Datasheet HTML 17Page - STMicroelectronics AN4038 Datasheet HTML 18Page - STMicroelectronics AN4038 Datasheet HTML 19Page - STMicroelectronics AN4038 Datasheet HTML 20Page - STMicroelectronics AN4038 Datasheet HTML 21Page - STMicroelectronics AN4038 Datasheet HTML 22Page - STMicroelectronics AN4038 Datasheet HTML 23Page - STMicroelectronics AN4038 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Proximity sensor design
AN4038
20/39
Doc ID 022686 Rev 1
Figure 17 shows the influence of the electrode spacing on the standard deviation of the
noise.
Figure 17.
Noise standard deviation versus Tx/Rx electrode spacing
The noise is proportional to the sensitivity and with an electrode spacing greater than 2 mm,
the noise increases slowly.
In conclusion, the largest electrode spacing increases sensitivity to the detriment of the
noise. Increased noise requires that the detection threshold is adjusted to filter out noise
and guarantee system stability. Therefore, a compromise is necessary between detection
range and system noise immunity. If the Tx/Rx electrodes are too close, the detection
distance is drastically decreased, especially when the spacing is less than 2 mm. Care
should be taken not to space the electrodes too far apart as this can create a projected
capacitance which is too small to be measured. In this case, the STM8TL5xxx cannot
compensate with the EPCC to target the reference. The EPCC is out of the recommended
range (see Section 3.4: Electrode parasitic capacitance compensation (EPCC) and can
cause an unstable proximity system. To summarize, increasing the electrode spacing
increases the detection area as long as the EPCC remains in the recommended range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39