Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4038 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 14Page - STMicroelectronics AN4038 Datasheet HTML 15Page - STMicroelectronics AN4038 Datasheet HTML 16Page - STMicroelectronics AN4038 Datasheet HTML 17Page - STMicroelectronics AN4038 Datasheet HTML 18Page - STMicroelectronics AN4038 Datasheet HTML 19Page - STMicroelectronics AN4038 Datasheet HTML 20Page - STMicroelectronics AN4038 Datasheet HTML 21Page - STMicroelectronics AN4038 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Proximity sensor design
AN4038
18/39
Doc ID 022686 Rev 1
4
Proximity sensor design
Each application has specific proximity detection requirements. The design of the sensing
electrode is the result of the sensing requirements of the application and of a careful
analysis of what the sensor environment is over the lifetime of the application. The sensor is
built with two electrode plates. The two electrode plates create a projected capacitance.
The projected capacitance is defined in Equation 2 and illustrated in Figure 15.
Equation 2:
where
C = capacitance in farad (F)
εd = permittivity of the dielectric
A = cross sectional area of the sensing electrodes in square meters (m2)
d = distance between sensing electrodes in meters (m)
Figure 15.
Illustration of the theoretical projected capacitance equation
C
ε
d
A
×
() d
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39