| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4038 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4038 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 39 page ![]() AN4038 Proximity sensor design Doc ID 022686 Rev 1 29/39 Figure 28. Detection area and detection distance versus ground surrounding Surrounding the electrode plate can improve the directivity of the proximity detection, but clearly reduces the detection range. In conclusion, a ground backplane or ground surrounding close to the sensor plates drastically reduces the detection distance. It is strongly advised to keep the ground backplane or ground surrounding at a distance from the sensor. This helps maintain proximity sensitivity of the application. |