Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4038 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 18Page - STMicroelectronics AN4038 Datasheet HTML 19Page - STMicroelectronics AN4038 Datasheet HTML 20Page - STMicroelectronics AN4038 Datasheet HTML 21Page - STMicroelectronics AN4038 Datasheet HTML 22Page - STMicroelectronics AN4038 Datasheet HTML 23Page - STMicroelectronics AN4038 Datasheet HTML 24Page - STMicroelectronics AN4038 Datasheet HTML 25Page - STMicroelectronics AN4038 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Proximity sensor design
AN4038
22/39
Doc ID 022686 Rev 1
In conclusion, increasing the length of the proximity sensor, significantly increases detection
distance and decreases noise. It is the best compromise in term of detection distance and
noise immunity. To increase the detection distance of the proximity sensor system, it is
recommended to increase length of the Tx/Rx electrodes first before increasing the spacing
between the Tx/Rx electrodes or the electrode width.
4.3
Tx/Rx electrode width influence
The plate width also influences the detection distance. Figure 20 shows the variation of the
detection distance versus electrode width.
Figure 20.
Detection range versus Tx/Rx electrode width
The width of the Tx/Rx electrodes have a low impact on the detection distance. When the
Rx/Tx electrode width is greater than 1.5 mm, the detection distance increases very slowly
compared to that of the width. When the width is less than 1.5 mm, the detection distance
variation is very low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39