Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST9 Fiches technique(PDF) 132 Page - STMicroelectronics

No de pièce ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Fiches technique(HTML) 132 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 128Page - STMicroelectronics ST9 Datasheet HTML 129Page - STMicroelectronics ST9 Datasheet HTML 130Page - STMicroelectronics ST9 Datasheet HTML 131Page - STMicroelectronics ST9 Datasheet HTML 132Page - STMicroelectronics ST9 Datasheet HTML 133Page - STMicroelectronics ST9 Datasheet HTML 134Page - STMicroelectronics ST9 Datasheet HTML 135Page - STMicroelectronics ST9 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 146 page
background image
132/146
ST9 USER GUIDE
6.8 TOP-LEVEL INTERRUPT INPUT
Figure 48
. Top-Level Interrupt Block Diagram
NMI pin
Rising (set) or falling
(reset) edge trigger
event on NMI pin
Watchdog or NMI pin
Top level interrupt
1
0
A pseudo NMI
Event Interrupt
A real
Event
or
Top level interrupt to the core
TLI routine has no interrupt vector register.
ISR routine in vector table:
byte4 (high), byte 5 (low) by hardware.
TLTEV:Top level trigger event bit
TLIS:Top level interrupt selection bit
TLIP:Top level interrupt pending bit
(set and reset by hardware only)
TLI:Top level interrupt bit
IEN:Interrupt enable
TLNM:Top level not maskable
0
1
Choosing between
End of Count WDR
see Timer Watchdog
and Reset circuitry
0
V7
V6 V5
V4
TLTEV
TLIS
IAOS EWEN
7
EIVR (R246 page 0)
External Interrupt Vector Register
0
GCEN TLIP
TLI
IEN
IAM
CPL2 CPL1 CPL0
7
CICR (R230)
Central Interrupt Control Register
0
HL5
HL4 HL3
HL2
HL1
HL0
7
NICR (R247 page 0)
Nested Interrupt Control Register
0
TLNM
7
Nested Interrupt Control Register
HL6
Interrupt
NMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More