Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0020 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 40Page - STMicroelectronics PM0020 Datasheet HTML 41Page - STMicroelectronics PM0020 Datasheet HTML 42Page - STMicroelectronics PM0020 Datasheet HTML 43Page - STMicroelectronics PM0020 Datasheet HTML 44Page - STMicroelectronics PM0020 Datasheet HTML 45Page - STMicroelectronics PM0020 Datasheet HTML 46Page - STMicroelectronics PM0020 Datasheet HTML 47Page - STMicroelectronics PM0020 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
JTAG sequence
PM00020
44/87
5
JTAG sequence
Figure 5.
JTAG sequence flowchart
Since STR91xFA devices include JTAG enabled CPU device in series with the Flash
memory die, it is necessary to insert BYPASS instruction (opcode: all 1’s) for the CPU
device in all JTAG instruction cycle and account for the extra BYPASS bit(s) during data
cycle.
Test-Logic-Reset
F
Run-Test/Idle
C
Select-DR-Scan
7
Select-IR-Scan
4
Capture-DR
6
Capture-IR
E
Shift-DR
2
Shift-IR
A
Exit1-DR
1
Exit1-IR
9
Pause-DR
3
Pause-IR
B
Exit2-DR
0
Exit2-IR
8
Update-DR
5
Update-IR
D
0
0
0
1
1
0
0
1
1
1
1
0
0
1
1
1
1
1
0
0
0
0
0
1
10
0
1
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87