Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0020 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 6Page - STMicroelectronics PM0020 Datasheet HTML 7Page - STMicroelectronics PM0020 Datasheet HTML 8Page - STMicroelectronics PM0020 Datasheet HTML 9Page - STMicroelectronics PM0020 Datasheet HTML 10Page - STMicroelectronics PM0020 Datasheet HTML 11Page - STMicroelectronics PM0020 Datasheet HTML 12Page - STMicroelectronics PM0020 Datasheet HTML 13Page - STMicroelectronics PM0020 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
STR91xFA Flash memory
PM00020
10/87
1.2
Memory organization
The Flash program memory is organized in 32-bit wide memory cells which can be used for
storing both code and data constants.
You can Program Bank 0 and Bank 1 independently, i.e. you can read from one bank while
writing to the other.
The on-chip Flash is divided in 2 banks that can mapped independently in the 64 MByte
address space 0x0000-0000 - 0x03FF.FFF by programming the FMI registers.
The STR91xFAxx2 embedded Flash Module is organized as shown in Table 1.
The STR91xFAxx4 embedded Flash Module is organized as shown in Table 2.
Table 1.
STR91xFAxx2 Flash module organization
Bank
Sector
Address Offset
Size (bytes)
Bank 0
256 Kbytes
Bank 0 Sector 0
0x0000.0000 - 0x0000.FFFF
64K
Bank 0 Sector 1
0x0001.0000 - 0x0001.FFFF
64K
Bank 0 Sector 2
0x0002.0000 - 0x0002.FFFF
64K
Bank 0 Sector 3
0x0003.0000 - 0x0003.FFFF
64K
Bank 1
32 Kbytes
Bank 1 Sector 0
0x0000.0000 - 0x0000.1FFF
8K
Bank 1 Sector 1
0x0000.2000 - 0x0000.3FFF
8K
Bank 1 Sector 2
0x0000.4000 - 0x0000.5FFF
8K
Bank 1 Sector 3
0x0000.6000 - 0x0000.7FFF
8K
Bank 1
User Configuration Sector (OTP
and Electronic Signature,
Configuration and Protection
Registers)
Access via CUI or JTAG
32
Table 2.
STR91xFAxx4 Flash module organization
Bank
Sector
Address Offset
Size (bytes)
Bank 0
512 Kbytes
Bank 0 Sector 0
0x0000.0000 - 0x0000.FFFF
64K
Bank 0 Sector 1
0x0001.0000 - 0x0001.FFFF
64K
Bank 0 Sector 2
0x0002.0000 - 0x0002.FFFF
64K
Bank 0 Sector 3
0x0003.0000 - 0x0003.FFFF
64K
Bank 0 Sector 4
0x0004.0000 - 0x0004.FFFF
64K
Bank 0 Sector 5
0x0005.0000 - 0x0005.FFFF
64K
Bank 0 Sector 6
0x0006.0000 - 0x0006.FFFF
64K
Bank 0 Sector 7
0x0007.0000 - 0x0007.FFFF
64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com