Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0020 Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 70Page - STMicroelectronics PM0020 Datasheet HTML 71Page - STMicroelectronics PM0020 Datasheet HTML 72Page - STMicroelectronics PM0020 Datasheet HTML 73Page - STMicroelectronics PM0020 Datasheet HTML 74Page - STMicroelectronics PM0020 Datasheet HTML 75Page - STMicroelectronics PM0020 Datasheet HTML 76Page - STMicroelectronics PM0020 Datasheet HTML 77Page - STMicroelectronics PM0020 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
ISC logic description
PM00020
74/87
12.5.12
ISC_DISABLE
Description:
Exit ISC mode, going back to PSD mode
Requirement:
Part is in ISC mode, all modules are not busy
Register:
ISC_Default
Shift-In:
8 bits don't care
Shift-Out:
8 bits status
Mode:
ISC
Security:
Fully functional
Upon RTI (step 3), security status is updated.
The 50 us in step 3 is a delay enough delay to correctly handle possible aborts.
Exit ISC mode while Busy status is till active aborts the current operation. Internal
program/erase error is genterated in this case.
ISC_DISABLE clears ISC error but not internal program/erase error.
Table 37.
ISC_DISABLE sequence
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_DISABLE
2
DR-Scan
Shift out status
3
Run-Test/Idle
Wait 50uS
4
Test-Logic-Reset
TLR or load ISC_NOOP (or
BYPASS) followed by RTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87