Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0020 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 53Page - STMicroelectronics PM0020 Datasheet HTML 54Page - STMicroelectronics PM0020 Datasheet HTML 55Page - STMicroelectronics PM0020 Datasheet HTML 56Page - STMicroelectronics PM0020 Datasheet HTML 57Page - STMicroelectronics PM0020 Datasheet HTML 58Page - STMicroelectronics PM0020 Datasheet HTML 59Page - STMicroelectronics PM0020 Datasheet HTML 60Page - STMicroelectronics PM0020 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
PM00020
Upload operation
57/87
10
Upload operation
Table 29.
Upload operation description
Description
Flow in sequence
Check Flash Memory JTAG Device ID
IDCODE
if device is secured, exit with error
if ID not matched, exit with error
Enable Turbo Programming Mode
TURBO-PROG-ENABLE
Enter ISC mode
ISC-ENABLE
Upload the following sector:
a. Main Flash
b. Secondary Flash
c. OTP
/upload one sector at a time
/repeat until all sectors are uploaded
ISC-READ (Sector)
if read error, exit with error
else write to OBJ file
Upload Configuration sector
ISC-CONFIGURATION
if error, exit with error
else write to OBJ file
Upload User-Code
USERCODE
if error, exit with error
else write to OBJ file
Disable ISC mode
ISC-DISABLE
Disable Turbo Programming Mode
Disabling by either power-down or taking JTRSTn to low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87