Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0020 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 8Page - STMicroelectronics PM0020 Datasheet HTML 9Page - STMicroelectronics PM0020 Datasheet HTML 10Page - STMicroelectronics PM0020 Datasheet HTML 11Page - STMicroelectronics PM0020 Datasheet HTML 12Page - STMicroelectronics PM0020 Datasheet HTML 13Page - STMicroelectronics PM0020 Datasheet HTML 14Page - STMicroelectronics PM0020 Datasheet HTML 15Page - STMicroelectronics PM0020 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
STR91xFA Flash memory
PM00020
12/87
Bank 1
128Kbytes
Bank 1 Sector 0
0x0000.0000 - 0x0000.3FFF
16K
Bank 1 Sector 1
0x0000.4000 - 0x0000.7FFF
16K
Bank 1 Sector 2
0x0000.8000 - 0x0000.BFFF
16K
Bank 1 Sector 3
0x0000.C000 - 0x0000.FFFF
16K
Bank 1 Sector 4
0x0001.0000 - 0x0001.3FFF
16K
Bank 1 Sector 5
0x0001.4000 - 0x0001.7FFF
16K
Bank 1 Sector 6
0x0001.8000 - 0x0001.BFFF
16K
Bank 1 Sector 7
0x0001.C000 - 0x0001.FFFF
16K
Bank 1
User Configuration Sector (OTP
and Electronic Signature,
Configuration and Protection
Registers)
Access via CUI or JTAG
32
Table 3.
STR91xFAxx6 Flash module organization (continued)
Bank
Sector
Address Offset
Size (bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87