Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0020 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 79Page - STMicroelectronics PM0020 Datasheet HTML 80Page - STMicroelectronics PM0020 Datasheet HTML 81Page - STMicroelectronics PM0020 Datasheet HTML 82Page - STMicroelectronics PM0020 Datasheet HTML 83Page - STMicroelectronics PM0020 Datasheet HTML 84Page - STMicroelectronics PM0020 Datasheet HTML 85Page - STMicroelectronics PM0020 Datasheet HTML 86Page - STMicroelectronics PM0020 Datasheet HTML 87Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
PM00020
ISC logic description
85/87
12.5.25
Register table or reset
RST_N: It becomes active low if a Vcc power down is issued.
RST_IR_N: It becomes active (low) if RST_N becomes low or if a Test Logic Reset is
issued.
RST_DR_N: It becomes active (low) if RST_N becomes low or if a Test Logic Reset is
issued or if a ISC_DISABLE instruction is issued.
Table 51.
Register table or reset
Register
Reset
INSTRUCTION
RST_IR_N
STATUS
no reset signal
BYPASS
no reset signal
ENABLE
RST_DR_N
SECTOR
RST_DR_N
ADDRESS
RST_DR_N
DATA
RST_N
ID CODE
RST_N
MFG CODE
RST_N
USER CODE
RST_N
CONFIGURATION
RST_N
SECURITY BIT
RST_N
LOCK OTP BIT
RST_N
TEST ENABLE
RST_IR_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87