Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3311 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 37Page - STMicroelectronics AN3311 Datasheet HTML 38Page - STMicroelectronics AN3311 Datasheet HTML 39Page - STMicroelectronics AN3311 Datasheet HTML 40Page - STMicroelectronics AN3311 Datasheet HTML 41Page - STMicroelectronics AN3311 Datasheet HTML 42Page - STMicroelectronics AN3311 Datasheet HTML 43Page - STMicroelectronics AN3311 Datasheet HTML 44Page - STMicroelectronics AN3311 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
AN3311
In-home display GUI application
Doc ID 18209 Rev 1
41/58
Figure 18.
Label changing
The user should scroll the list of the labels and click on the Apply button in order to save the
information and set the label also in the plug device via ZigBee protocol.
When Control is clicked, it is possible to switch ON/OFF the smartplug, in case of relay type,
or regulate the output power, in case of TRIAC type. The following screens show both
possibilities:
Figure 19.
TRIAC smartplug management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58