| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3311 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3311 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 58 page ![]() AN3311 In-home display firmware Doc ID 18209 Rev 1 29/58 CursorReadJoystick(POLLING_MODE); #endif vTaskDelay(2); } } 6.2.3 prvApplicationTask Table 13 describes the prvApplicationTask task: This function starts the smartplug coordinator application routine. Example: void prvApplicationTask( void * pvParameters ) { /* The parameters are not used in this task. */ ( void ) pvParameters; for( ;; ) { applicationTick(); /* Wait until it is time to move onto the next string. */ vTaskDelay(4); } } 6.2.4 prvSetupHardware Table 14 describes the prvSetupHardware function: Table 13. prvApplicationTask task Function name prvApplicationTask Function prototype void prvApplicationTask (void *pvParameters) Behavior description Start the Smartplug Coordinator Application routine Input parameter {x} None Output parameter {x} None Return value None Required preconditions None Called functions No API/HAL layer functions; Table 14. prvSetupHardware function Function name prvSetupHardware Function prototype void prvSetupHardware (void) Behavior description Initialize the hardware peripheral of the STM32 MCU, and ZigBee hardware configuration Input parameter {x} None Output parameter {x} None Return value None |