Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3311 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 16Page - STMicroelectronics AN3311 Datasheet HTML 17Page - STMicroelectronics AN3311 Datasheet HTML 18Page - STMicroelectronics AN3311 Datasheet HTML 19Page - STMicroelectronics AN3311 Datasheet HTML 20Page - STMicroelectronics AN3311 Datasheet HTML 21Page - STMicroelectronics AN3311 Datasheet HTML 22Page - STMicroelectronics AN3311 Datasheet HTML 23Page - STMicroelectronics AN3311 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
STM3210C-EVAL demonstration board
AN3311
20/58
Doc ID 18209 Rev 1
33
PB3
TDO/SWO
35
PB5
CAN2_RX
Remove R45
37
PB7
I2C1_SDA
Remove R132
39
GND
-
41
PE2
Trace_CK
43
PE4
Trace_D1
45
PB8
MC
Disconnect STM3210C-EVAL board from motor power drive
board
47
PE6
Trace_D3
49
D5V
2
PC6
I2S_MCK/MC
JP10 open
4PC8
MC
Disconnect STM3210C-EVAL board from motor power drive
board
6
PA8
MCO
JP4 open
8
PA10
USB_ID
Remove R38 or disconnect USB cable
10
GND
12
PA11
USB_DM
Remove R42 or disconnect USB cable
14
PA13
TMS/SWDIO
16
PA14
TCK/SWCLK
18
PC11
SPI1_MISO
Remove R135 and LCD
20
PA15
TDI
22
PD0
CAN1_RX
Remove R44
24
PD2
MC
Disconnect STM3210C-EVAL board from motor power drive
board.
26
PD4
LD4
Remove R97
28
PD6
USART2_RX
Keep JP16 open
30
GND
32
34
PB4
TRST
Keep JP20 open
36
PB6
CAN2_TX/
I2C1_SCK
Keep JP9 open
38
PE0
MC/Micro-SD card
detection
Remove micro-SD card. Disconnect STM3210C-EVAL board
from motor power drive board.
40
PE1
USB_Overcurrent
Remove R35
42
PE3
Trace_D0
44
PE5
Trace_D2
Table 7.
Daughterboard extension connector CN8 (continued)
Pin
Description
Alternate function
How to disconnect with function block on STM3210C-
EVAL board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58