| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3311 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3311 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 58 page ![]() Getting started with the system AN3311 34/58 Doc ID 18209 Rev 1 /* Touchscreen Controller and Joystick DEFINES */ #define TSC_GPIO_PORT_SOURCE GPIO_PortSourceGPIOB #define TSC_GPIO_PIN_SOURCE GPIO_PinSource14 #define JOY_GPIO_PORT_SOURCE GPIO_PortSourceGPIOB #define JOY_GPIO_PIN_SOURCE GPIO_PinSource14 #define JOY_GPIO_SELECT_PORT GPIOG #define JOY_GPIO_SELECT_PIN GPIO_Pin_7 #define JOY_GPIO_RIGHT_PORT GPIOG #define JOY_GPIO_RIGHT_PIN GPIO_Pin_13 #define JOY_GPIO_LEFT_PORT GPIOG #define JOY_GPIO_LEFT_PIN GPIO_Pin_14 #define JOY_GPIO_UP_PORT GPIOG #define JOY_GPIO_UP_PIN GPIO_Pin_15 #define JOY_GPIO_DOWN_PORT GPIOD #define JOY_GPIO_DOWN_PIN GPIO_Pin_3 #define JOY_GPIO_RCC_APB_PERIPH1 RCC_APB2Periph_GPIOG #define JOY_GPIO_RCC_APB_PERIPH2 RCC_APB2Periph_GPIOG #define JOY_GPIO_RCC_APB_PERIPH3 RCC_APB2Periph_GPIOG #define JOY_GPIO_RCC_APB_PERIPH4 RCC_APB2Periph_GPIOG #define JOY_GPIO_RCC_APB_PERIPH5 RCC_APB2Periph_GPIOD #define TSC_EXTI_IRQ_CHANNEL EXTI15_10_IRQn #define JOY_EXTI_IRQ_CHANNEL EXTI15_10_IRQn #define TSC_EXTI_LINE EXTI_Line14 #define JOY_EXTI_LINE EXTI_Line14 #define TSC_GPIO_PORT GPIOA #define TSC_GPIO_PIN GPIO_Pin_14 #define TSC_I2C_DEVICE_REGISTER 0x82 #define JOY_I2C_DEVICE_REGISTER 0x88 #define M24LR64_I2C_DEVICE_REGISTER 0x24 #define TSC_I2C_PORT I2C1 /* User Button GPIO Port and Pin*/ #ifdef USE_STM3210C_EVAL #define USER_BUTTON_PORT GPIOB #define USER_BUTTON_PIN GPIO_Pin_9 #elif USE_STM3210E_EVAL #define USER_BUTTON_PORT GPIOG #define USER_BUTTON_PIN GPIO_Pin_8 #endif /* LCD Controller DEFINES */ #define LCD_CTRL_PORT_NCS GPIOB #define LCD_GPIO_DATA_PORT GPIOC #define LCD_CTRL_PIN_NCS GPIO_Pin_2 #define LCD_CTRL_PIN_NWR GPIO_Pin_15 #define LCD_CTRL_PIN_RS GPIO_Pin_7 #define LCD_GPIO_PIN_SCK GPIO_Pin_10 #define LCD_GPIO_PIN_MISO GPIO_Pin_11 #define LCD_GPIO_PIN_MOSI GPIO_Pin_12 #define LCD_GPIO_RCC_APB_PERIPH RCC_APB2Periph_GPIOC #define LCD_GPIO_RCC_APB_PERIPH_NCS RCC_APB2Periph_GPIOB #define LCD_GPIO_REMAP_PORT GPIO_Remap_SPI3 #define LCD_RCC_APB_PERIPH RCC_APB1Periph_SPI3 #define LCD_RCC_AHB_PERIPH RCC_AHBPeriph_FSMC #define LCD_SPI_PORT SPI3 #ifdef USE_STM3210C_EVAL #define LCD_CONNECTION_MODE GL_SPI #elif USE_STM3210E_EVAL #define LCD_CONNECTION_MODE GL_FSMC #endif #define RCC_AHBPeriph_FSMC ((uint32_t)0x00000100) |