Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3311 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 29Page - STMicroelectronics AN3311 Datasheet HTML 30Page - STMicroelectronics AN3311 Datasheet HTML 31Page - STMicroelectronics AN3311 Datasheet HTML 32Page - STMicroelectronics AN3311 Datasheet HTML 33Page - STMicroelectronics AN3311 Datasheet HTML 34Page - STMicroelectronics AN3311 Datasheet HTML 35Page - STMicroelectronics AN3311 Datasheet HTML 36Page - STMicroelectronics AN3311 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
AN3311
Getting started with the system
Doc ID 18209 Rev 1
33/58
In order to use the In-home display application project, it is necessary to:
●
Include all the firmware delivered in the In-home display package containing the
FreeRTOS core files. See Figure 10
●
Create the desired menu application functions in the file menu.c
●
Put inside “picture.c” the HEX dump of the pictures to be used with the application GUI
●
Implement a main function as described in the following section.
7.2
Example application - main.c
An example of a main application is given below. The main function contains an example of
the In-home display application initialization/configuration and implements the classic
operations:
/* Standard includes. */
#include <stdio.h>
/* Scheduler includes. */
#include "FreeRTOS.h"
#include "task.h"
#include "queue.h"
#include "semphr.h"
/* Library includes. */
#include "stm32f10x.h"
#include "stm32f10x_it.h"
#include "STM3210c_eval_lcd.h"
#include "LcdHal.h" //SB
/* Demo app includes. */
#include "flash.h"
#include "partest.h"
#include "common.h"
#include "micro_clocks_irqs.h"
#include "micro.h"
#include "menu.h"
#include "graphicObject.h"
#include "cursor.h"
#include "stm32d-eval_io_expander.h"
#include "LcdHal.h"
#include "TscHal.h"
#include "pictures.h"
#include "stm32f10x.h"
#include "stm32f10x_rcc.h"
#include "misc.h"
#include "SmartPlugObj.h"
#include "CoordinatorObj.h"
#include "COORDINATOR_Layer.h"
#include "ZSP_Layer.h"
#ifdef USE_STM3210E_EVAL
#include "stm3210e_eval_lcd.h"
#elif USE_STM3210C_EVAL
#include "stm3210c_eval_lcd.h"
#include "touchscreen.h"
#endif
/* Private define ------------------------------------------------------------*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58