Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3311 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 36Page - STMicroelectronics AN3311 Datasheet HTML 37Page - STMicroelectronics AN3311 Datasheet HTML 38Page - STMicroelectronics AN3311 Datasheet HTML 39Page - STMicroelectronics AN3311 Datasheet HTML 40Page - STMicroelectronics AN3311 Datasheet HTML 41Page - STMicroelectronics AN3311 Datasheet HTML 42Page - STMicroelectronics AN3311 Datasheet HTML 43Page - STMicroelectronics AN3311 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
In-home display GUI application
AN3311
40/58
Doc ID 18209 Rev 1
If you click on Management two situations are possible:
●
If no plug is connected to the smartplug coordinator, the following screen is shown:
Figure 16.
No plug detected
●
Once more plugs are detected, the following screen is shown:
Figure 17.
Plugs detected
There are three main buttons: identify, modify, and control. They allow to manage the
smartplug device.
The Identify button is useful to activate the LED flashing on the relative plug, so this way the
user can easily identify which plug they are going to manage through the GUI.
If Modify is clicked, the user can change the label of the selected plug, through the screen
shown in Figure 18, choosing the new label from a list contained in a combobox.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58