Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1603 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN1603
Description  This Application Note describes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1603 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN1603 Datasheet HTML 1Page - STMicroelectronics AN1603 Datasheet HTML 2Page - STMicroelectronics AN1603 Datasheet HTML 3Page - STMicroelectronics AN1603 Datasheet HTML 4Page - STMicroelectronics AN1603 Datasheet HTML 5Page - STMicroelectronics AN1603 Datasheet HTML 6Page - STMicroelectronics AN1603 Datasheet HTML 7Page - STMicroelectronics AN1603 Datasheet HTML 8Page - STMicroelectronics AN1603 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK)
As shown in Figure 1, we can see that the DFU software is divided into four distinct layers:
– The hardware layer (USB bus interface),
– The kernel layer (Microsoft USB stack and STMicroelectronics tube driver)
and a user application layer that is also divided into two other layers:
– A generic one that manages all DFU requests and is provided as ready binary modules
(ST7DFU and STTubeDevice203 dynamic link libraries).
– A vendor-specific one that is provided as an example reference software (protocol manage-
ment dynamic link library and a demonstration GUI).
This modular architecture was chosen so that the DFU-DK can be used for any application
that needs to implement DFU features. Moreover, this will make it easier to add features any-
time in the future and manage changes.
Note: The DFU-DK is compatible with Windows 98, 98SE, Me, 2000 and XP and is compliant
with the Device Class specification for DFU version1.0 as detailed by the USB-IF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21