Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1603 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN1603
Description  This Application Note describes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1603 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN1603 Datasheet HTML 13Page - STMicroelectronics AN1603 Datasheet HTML 14Page - STMicroelectronics AN1603 Datasheet HTML 15Page - STMicroelectronics AN1603 Datasheet HTML 16Page - STMicroelectronics AN1603 Datasheet HTML 17Page - STMicroelectronics AN1603 Datasheet HTML 18Page - STMicroelectronics AN1603 Datasheet HTML 19Page - STMicroelectronics AN1603 Datasheet HTML 20Page - STMicroelectronics AN1603 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18/21
USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK)
Reads and decodes the file image stored in disk and stores all its binary data contents to a
buffer in RAM and extracts useful device information (Vendor ID, Product ID, and firmware
version)
Parameters
pPathFile : the entry path name of the firmware image stored on disk.
pBuffer : a pointer to a data buffer where the useful data will be stored in RAM.
pVid: a pointer to the Vendor ID parameter.
pPid: a pointer to the productID parameter.
pBcd:a pointer to the firmware version parameter.
Returned Value
STDFU_NOERROR in case of success, otherwise (Error Code).
5.1.2.2 ST_ImageToDFUFile
Prototype
DWORD WINAPI ST_ImageToDFUFile( CHAR * pPathFile,
UCHAR * pBuffer,
UINT nVid,
UINT nPid,
UINT nBcd );
Description
Writes and codes data stored in RAM buffer and received from the device during the up-
loading process to a valid firmware image on local disk.
Parameters
pPathFile : the entry path name of the firmware image where the file will be stored on disk.
pBuffer : a pointer to a data buffer received from the device.
nVid : device Vendor ID.
nPid : device product ID.
nBcd: old firmware version.
Returned Value
STDFU_NOERROR in case of success, otherwise (Error Code).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21