Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1603 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN1603
Description  This Application Note describes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1603 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN1603 Datasheet HTML 12Page - STMicroelectronics AN1603 Datasheet HTML 13Page - STMicroelectronics AN1603 Datasheet HTML 14Page - STMicroelectronics AN1603 Datasheet HTML 15Page - STMicroelectronics AN1603 Datasheet HTML 16Page - STMicroelectronics AN1603 Datasheet HTML 17Page - STMicroelectronics AN1603 Datasheet HTML 18Page - STMicroelectronics AN1603 Datasheet HTML 19Page - STMicroelectronics AN1603 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16/21
USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK)
4.3.19 STDFU_HandleDeviceChange
4.3.19.1 Prototype
BOOL STDFU_HandleDeviceChange
(WPARAM wParam,
LPARAM lParam);
4.3.19.2 Description
This function must be called by the application when receiving a WM_DEVICECHANGE.
4.3.19.3 Parameters
wParam: device-change event that could be for example a DBT_DEVICEARRIVAL or a
BT_DEVICEREMOVECOMPLETE event etc.
lParam: event-specific data.
4.3.19.4 Returned value
STDFU_NOERROR in case of success, otherwise (Error Code).
4.3.19.5 Remarks
In any application or GUI working with a driver and thus with a device, you first have to identify
and specify the device or the type of the device that you are dealing with and for which a
window will receive notifications.
Once this has been done, the WM_DEVICECHANGE device message will notify the applica-
tion of a change to the hardware configuration of a device.
Note: For more details about this mechanism, please refer to Microsoft MSDN Help, you can
also refer to the source files of the DFU demonstrator to see an example of implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21