| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1603 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1603 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 21 page ![]() 9/21 USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK) 4.3.3.3 Parameters Num: Number of the selected DFU Device (Given by STDFU_EnumGetNbDevices) pDesc: buffer the DFU descriptor will be copied to. pNbOfDFUInterface: pointer to the DFU Interface Number 4.3.3.4 Returned value STDFU_NOERROR in case of success, otherwise (Error Code) 4.3.4 STDFU_GetStringDescriptor 4.3.4.1 Prototype DWORD STDFU_GetStringDescriptor(DWORD Num, DWORD Index, LPSTR szString, UINT nStringLength); 4.3.4.2 Description Gets the string descriptor 4.3.4.3 Parameters Num: Number of the selected DFU Device (Given by STDFU_EnumGetNbDevices) nIndex: desired string descriptor Index. If this index is too high, this function will return an error. szString: buffer the string descriptor will be copied to nStringLength: buffer size 4.3.4.4 Returned value STDFU_NOERROR in case of success, otherwise (Error Code). 4.3.5 STDFU_GetNbOfConfigurations 4.3.5.1 Prototype DWORD STDFU_GetNbOfConfigurations( DWORD Num, PUINT pNbOfConfigs); 4.3.5.2 Description Gets Configurations number 4.3.5.3 Parameters Num: Number of the selected DFU Device (Given by STDFU_EnumGetNbDevices) |