| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1603 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1603 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 21 page ![]() 11/21 USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK) 4.3.8 STDFU_GetNbOfAlternates 4.3.8.1 Prototype DWORD STDFU_GetNbOfAlternates( DWORD Num, UINT nConfigIdx, UINT nInterfaceIdx, PUINT pNbOfAltSets); 4.3.8.2 Description Gets Alternate Settings Number. 4.3.8.3 Parameters Num: Number of the selected DFU Device (Given by STDFU_EnumGetNbDevices) nConfigIdx: Number of the selected Configuration nInterfaceIdx : Number of the selected Interface pNbOfAltSets: pointer to Alternate Settings Number 4.3.8.4 Returned value STDFU_NOERROR in case of success, otherwise (Error Code). 4.3.9 STDFU_GetInterfaceDescriptor 4.3.9.1 Prototype DWORD STDFU_GetInterfaceDescriptor( DWORD Num, UINT nConfigIdx, UINT nInterfaceIdx, UINT nAltSetIdx, PUSB_INTERFACE_DESCRIPTOR pDesc); 4.3.9.2 Description Gets the interface descriptor. 4.3.9.3 Parameters Num: Number of the selected DFU Device (Given by STDFU_EnumGetNbDevices) nConfigIdx: Number of the selected Configuration nInterfaceIdx: Number of the selected Interface nAltSetIdx: Number of the selected Alternate Setting pDesc: buffer the descriptor will be copied to. 4.3.9.4 Returned value STDFU_NOERROR in case of success, otherwise (Error Code). |