Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1603 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN1603
Description  This Application Note describes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1603 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN1603 Datasheet HTML 8Page - STMicroelectronics AN1603 Datasheet HTML 9Page - STMicroelectronics AN1603 Datasheet HTML 10Page - STMicroelectronics AN1603 Datasheet HTML 11Page - STMicroelectronics AN1603 Datasheet HTML 12Page - STMicroelectronics AN1603 Datasheet HTML 13Page - STMicroelectronics AN1603 Datasheet HTML 14Page - STMicroelectronics AN1603 Datasheet HTML 15Page - STMicroelectronics AN1603 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12/21
USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK)
4.3.10 STDFU_Open
4.3.10.1 Prototype
DWORD STDFU_Open (
DWORD Num,
PHANDLE phDevice);
4.3.10.2 Description
Opens the DFU driver, giving access to its descriptors.
4.3.10.3 Parameters
Num: Number of the selected DFU Device (Given by STDFU_EnumGetNbDevices).
phDevice: handle returned by the function when the driver is successfully opened
4.3.10.4 Returned value
STDFU_NOERROR in case of success, otherwise (Error Code).
4.3.11 STDFU_Close
4.3.11.1 Prototype
DWORD STDFU_Close(PHANDLE phDevice);
4.3.11.2 Description
Closes the DFU driver.
4.3.11.3 Parameters
phDevice: pointer to handle returned by the STDFU_Open function
4.3.11.4 Returned value
STDFU_NOERROR in case of success, otherwise (Error Code).
4.3.12 STDFU_Detach
4.3.12.1 Prototype
DWORD STDFU_Detach (
PHANDLE phDevice,
USHORT wTimeout,
UCHAR DFUInterfaceNumber);
4.3.12.2 Description
Issues a Detach request to the Control Pipe (Endpoint0).
4.3.12.3 Parameters
phDevice: pointer to handle returned by the STDFU_Open function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21