Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3353 Fiches technique(PDF) 9 Page - Renesas Technology Corp

No de pièce 2SK3353
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3353 Fiches technique(HTML) 9 Page - Renesas Technology Corp

Back Button 2SK3353_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet D14130EJ4V0DS
7
2SK3353
PACKAGE DRAWINGS (Unit: mm)
1)
TO-220AB(MP-25)
4.8 MAX.
1.Gate
2.Drain
3.Source
4.Fin (Drain)
1 2 3
10.6 MAX.
10.0 TYP.
3.6±0.2
4
1.3±0.2
0.75±0.1
2.54 TYP.
2.54 TYP.
1.3±0.2
0.5±0.2
2.8±0.2
φ
2)
TO-262(MP-25 Fin Cut)
4.8 MAX.
1.Gate
2.Drain
3.Source
4.Fin (Drain)
1
2
3
10 TYP.
1.3±0.2
0.75±0.3
2.54 TYP.
2.54 TYP.
1.3±0.2
0.5±0.2
2.8±0.2
4
3)
TO-263 (MP-25ZJ)
1.4±0.2
2.54 TYP.
2.54 TYP.
123
4
4.8 MAX.
1.3±0.2
0.5±0.2
1.Gate
2.Drain
3.Source
4.Fin (Drain)
0.7±0.2
10 TYP.
0.5R
TYP.
0.8R
TYP.
4) TO-220SMD (MP-25Z)
Note
10 TYP.
1.4±0.2
2.54 TYP.
2.54 TYP.
123
4
4.8 MAX.
1.3±0.2
0.5±0.2
0.5R
TYP.
0.8R
TYP.
0.75±0.3
1.Gate
2.Drain
3.Source
4.Fin (Drain)
Note This package is produced only in Japan.
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Remark
The diode connected between the gate and source of the transistor
serves as a protector against ESD. When this device actually used,
an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
5



Html Pages

1 2 3 4 5 6 7 8 9 10