Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3353 Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce 2SK3353
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3353 Fiches technique(HTML) 6 Page - Renesas Technology Corp

Back Button 2SK3353_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D14130EJ4V0DS
4
2SK3353
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
Pulsed
12
3
4
5
6
VDS = 10 V
10
1
0.1
100
1000
TA =
−50˚C
25˚C
75˚C
150˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
4
300
250
200
150
100
50
0
2
Pulsed
0
3
1
VGS =10 V
4.0 V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
0.1
1
10
100
10
100
0.1
1
Pulsed
TA = 150˚C
75˚C
25˚C
−50˚C
VDS = 10 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
0
510
10
15
20
Pulsed
20
ID = 41 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
10
10
0.1
1
20
30
100
1000
Pulsed
0
10 V
VGS = 4.0 V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0.5
VDS = 10 V
ID = 1 mA
1
1.5
2
2.5
3
−50
0
50
100
150
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com