| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0934 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0934 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 113 page ![]() UM0934 MAC layer Doc ID 17389 Rev 2 33/113 Below is the expected behavior of the nodes: ● Server A: as the link between the Client and this node is assumed to be good in this example, the node receives the 4 valid frames (i.e. with valid FCS). It provides an M_Data.Indication upon receipt of MAC frame CC=3. The following repetitions (CC=2, CC=1, CC=0) are neglected. ● REPEATER B: the link between the Client and this node is assumed to be noisy, with the noise corrupting the reception of MAC frames marked with CC=3. This node provides an M_Data.Indication upon receipt of MAC frame CC=2. The node joins the repetitions by transmitting 2 frames with CC=1 and CC=0. ● Server C: the link between the Client and this node is assumed to be noisy, with the noise corrupting the reception of MAC frames marked with CC=3 and CC=2. This node provides an M_Data.Indication upon receipt of MAC frame CC=1 coming from Server B. The following repetition (CC=0) is neglected. |